Part Number Hot Search : 
CM7238 FQT7P06 0M100 K12A60 3A010 SGBXXX SKY77340 MX214J
Product Description
Full Text Search
 

To Download HFR-RFH72-C100OHMF003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product specifcation without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 high frequency surface mount terminators rfh rfj rfk power rating 10w 20w 20w resistance 50 w , 100 w , 150 w , 200 w , 250 w , 300 w, 400 w , 600 w , 800 w , tolerance 1% capacitance <0.05pf operating temperature range -55c to 155c absolute tcr 50ppm/c electrical data environmental data test condition to meet short time overload 2.5 x rated voltage 5 sec. 0.2% +0.05 w load life 1000 hours, 70c 0.2% +0.05 w moisture resistance 1000 hours, 40c 95% rh 0.2% +0.05 w temperature cycle 5 cycles +125c high, -55c low 0.2% +0.05 w resistance to soldering heat 260c, 10 sec. 0.2% +0.05 w insulation resistance 500v, 1 minute >1,000m w the rfx series of high frequency line terminators provide superb high frequency performance at power ratings to 20 watts in a surface mount chip. both leadless and leaded versions of the device are available providing maximum fexibility for mechanical circuit attachment and circuit confguration. the rfx is available in a wide range of ohmic values from 50 ohms to 800 ohms affording maximum fexibility in controlled impedance transmission line design and termination. applications include rf/microwave power amplifers, power splitters, cell base stations and circulators/isolators. rfx series ? 1% tolerance and 50ppm/c ? small size 10 and 20w power chip resistors ? rf power amplifers, rf power source, cell phone stations, rf measurement and termination of circulators/isolators ? two-beam lead and surface mount options available sheet 1 of 4 rfx 14
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 sheet 2 of 4 rfx high frequency surface mount terminators physical data dimensions (mm) type a b c d e f g h rfh52 5.0 2.5 1.2 max 0.8 0.8 rfh72 7.0 2.0 1.2 max 0.8 0.8 rfk52 5.0 2.5 1.2 max 0.8 C rfk72 7.0 2.0 1.2 max 0.8 C rfj52 5.0 2.5 1.2 max C 5.0 1.0 1.0 rfj72 7.0 2.0 1.2 max C 5.0 1.0 1.0 0 0 n 5 0 0 1 0 1 n 5 0 0 1 0 1 n c d b e e a c d b a c d b f f a h g rfh rfk rfj 15
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 sheet 3 of 4 rfx high frequency surface mount terminators resistor surfac e resistor surfac e termina ls termin al s flange power terminations temperature rise rfh72c101f on 0.8mm glass tefon pwb s11, rfh72c500f s11, rfh72c101f resistor surfac e resistor surfac e termina ls termin al s 40 20 80 temperature rise (c) 100 applied power (w) 160 140 120 60 180 0 1 2 3 4 5 6 7 8 9 10 temperature rise rfh72c101f on attached heat sink 40 20 80 temperature rise (c) 100 applied power (w) 160 140 120 60 180 0 2 4 6 8 10 12 14 16 18 20 s11, rfh72c151f vswr, rfh72c500f resistor surface terminals resistor surface terminals 5 aug 2004 17:30:09 11 1 u fs 1: 1 13.85 w -34.949 w 4.5539 pf 1 000. 000 000 mhz 2: 98.926 w -42.762 w 2 gh z 3: 94.793 w -41.504 w 3 gh z 4: 101.49 w -33.52 w 4 gh z 5: 98.43 w -28.801 w 5 gh z st ar t .030 000 mhz st op 6 000. 000 000 mhz ch1 s pr m co r 1 5 5 aug 2004 17:30:09 11 1 u fs 1: 1 13.85 w -34.949 w 4.5539 pf 1 000. 000 000 mhz 2: 98.926 w -42.762 w 2 gh z 3: 94.793 w -41.504 w 3 gh z 4: 101.49 w -33.52 w 4 gh z 5: 98.43 w -28.801 w 5 gh z st ar t .030 000 mhz st op 6 000. 000 000 mhz ch1 s pr m co r 1 5 1 jul 2004 16:30:26 11 1 u fs 1: 51.916 w 0.0703 w 11 .19 ph 1 000. 000 000 mhz 2: 53.658 w -1.4375 w 1.5 gh z 3: 54.947 w -4.5469 w 2 gh z 4: 54.627 w -9.8371 w 2.5 gh z 5: 51.523 w -13.814 w 3 gh z center 1 500. 015 000 mhz sp an 2 999. 970 000 mhz ch1 s pr m co r 1 5 1 2 3 4 5 5 jul 2004 19:15:00 11 swr 100 m / ref 1 1 1.0153 1 000 000 000 mhz 2: 1.022 1.5 ghz 3: 1.0365 2 ghz 4: 1.051 2.5 ghz 5: 1.0633 3 ghz ch1 s prm cor center 1 500 015 000 mhz sp an 2 999 970 000 mhz 16
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 sheet 4 of 4 rfx high frequency surface mount terminators t emperature in ?c 25? 70? 155 % of rated po we r 0 100 power derating curve ambient temperature (c) prefx hfr - rfh72 - c50 ohm f 000 model rfh52; rfh72; rfk52; rfk72; rhj52; rfj72 resistance c50 ohm; c100 ohm; c150 ohm; c200 ohm c250 ohm; c300 ohm; c400 ohm; c600 ohm; c800 ohm tolerance f = 1% packaging 000 = 100 pcs/bulk leadless 001 = 100 pcs/bulk leadless 003 = 100 pcs/tray beam leaded ordering data 17


▲Up To Search▲   

 
Price & Availability of HFR-RFH72-C100OHMF003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X